Part Number Hot Search : 
TA0828A BC849 GFMM06 7F2106M 10U200 TP50N06 I7868A TC124
Product Description
Full Text Search
 

To Download HLB122J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6830 Issued Date : 1994.01.25 Revised Date : 2002.05.08 Page No. : 1/4
HLB122J
NPN Triple Diffused Planar Type High Voltage Transistor
Description
The HLB122J is a medium power transistor designed for use in switching applications.
Features
* High breakdown voltage * Low collector saturation voltage * Fast switching speed
TO-252
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 30 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage..................................................................................... 600 V BVCEO Collector to Emitter Voltage.................................................................................. 400 V BVEBO Emitter to Base Voltage............................................................................................ 6 V IC Collector Current (DC) ............................................................................................... 800 mA IC Collector Current (Pulse) ......................................................................................... 1600 mA IB Base Current (DC) ..................................................................................................... 100 mA IB Base Current (Pulse).................................................................................................. 200 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat) *hFE1 *hFE2 fT Min. 600 400 6 10 5 Typ. Max. 10 10 10 400 800 1 40 0.6 Unit V V V uA uA uA mV mV V Test Conditions IC=100uA IC=10mA IE=10uA VCB=600V VCE=400V VEB=6V IC=100mA, IB=20mA IC=300mA, IB=60mA IC=100mA, IB=20mA VCE=10V, IC=0.1A VCE=10V, IC=0.5A VCC=100V, IC=0.3A, IB1=-IB2=0.06A
*Pulse Test: Pulse Width 380us, Duty Cycle2%
uS
HLB122J
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100 10000
Spec. No. : HE6830 Issued Date : 1994.01.25 Revised Date : 2002.05.08 Page No. : 2/4
Saturation Voltage & Collector Current
125 C
o
75 C
o
Saturation Voltage (mV)
1000 75 C 125 C
o o o
25 C
o
hFE
10
100
25 C
hFE @ VCE=10V
10 VCE(sat) @ IC=5IB
1 1 10 100 1000
1 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 VBE(sat) @ IC=5IB
ON Voltage & Collector Current
1000
75 C 1000 25 C
o
o
125 C
o
100 1 10 100 1000
ON Voltage-VBE(on) (mV)
Saturation Voltage (mV)
VBE(on) @ VCE=10V
100 1 10 100 1000
Collector Current-IC (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100
Switching Time & Collector Current
10 VCC=45V, IC=5IB1=-5IB2
Capacitance-Cob (pF)
Switching Time (us).. .
Tstg 1
10
Ton
Tf
1 0.1 1 10 100
0.1 100
1000
Reverse-Biased Voltage (V)
Collector Current (mA)
HLB122J
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6830 Issued Date : 1994.01.25 Revised Date : 2002.05.08 Page No. : 3/4
Safe Operating Area
10000
Collector Current (mA)
1000
100
PT=1ms PT=100ms PT=1s
10
1 1 10 100 1000
Forward-Biased Voltage (V)
HLB122J
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : HE6830 Issued Date : 1994.01.25 Revised Date : 2002.05.08 Page No. : 4/4
Marking:
H LB 122J Date Code Control Code
B
D
L
F
G
Style: Pin 1.Base 2.Collector 3.Emitter
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code: J *: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes: 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HLB122J
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HLB122J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X